Part Number Hot Search : 
C3216X7R PC35005 SM512 50010 STI7106 AO340 2N5320 K1515
Product Description
Full Text Search
 

To Download DSS6NB32A330U21A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no. jenf243f-0018k-01 p1/11 murata mfg.co., ltd reference only disc-type emifil ? (a miniature three-terminal capacitor) dss6n reference specification 1.scope this reference specification applies to dss6n series. 2.part numbering (ex.) ds s 6 n b3 2a 271 q93 a product id (disc-type emifil? structure s : built-in ferrite beads type style features temperature characteristics rated voltage capacitance marked three digits system.(ex. 270pf ? 271) lead type q5 / t 1 : bulk (in mm) long lead type short lead type straight lead type q55 q56 q54 incrimp lead type t51 t41 lead length(l) 25.0 min. 6.0 1.0 4.0 0.5 lead length (l) : see item 9. q9 / u 1 : taping (in mm) straight lead type q91 q92 q93 incrimp lead type u21 u31 dimension h 20.0 1.0 16.5 1.0 18.5 1.0 dimension h : see item 9. packaging code a : ammo pack / b : bulk 3.rating operating temperature : -25 to +85c storage temperature : -25 to +85c insulation resistance : 5000m ? min. dss6nb3 / dss6ne3 /dss6nz8 rated current : 6a(dc) equivalent circuit : others : see table 1 table 1 customer part number murata part number temperature characteristics capacitance rated voltage withstanding voltage unit mass (typical value) dss6nb32a220q55b 10% 22pf 20% 100v(dc) 250 v(dc) 0.43g dss6nb32a220q56b 0.43g dss6nb32a220q54b 0.43g dss6nb32a220t51b 0.47g dss6nb32a220t41b 0.47g dss6nb32a220q91a 0.43g dss6nb32a220q92a 0.43g dss6nb32a220q93a 0.43g dss6nb32a220u21a 0.43g dss6nb32a220u31a 0.43g gnd 1 3 3 1 2 gnd 1 3 3 1 2
spec no. jenf243f-0018k-01 p2/11 murata mfg.co., ltd reference only customer part number murata part number temperature characteristics capacitance rated voltage withstanding voltage unit mass (typical value) dss6nb32a330q55b 10% 33pf 20% 100v(dc) 250 v(dc) 0.43g dss6nb32a330q56b 0.43g dss6nb32a330q54b 0.43g dss6nb32a330t51b 0.47g dss6nb32a330t41b 0.47g dss6nb32a330q91a 0.43g dss6nb32a330q92a 0.43g dss6nb32a330q93a 0.43g DSS6NB32A330U21A 0.43g dss6nb32a330u31a 0.43g dss6nb32a470q55b 47pf 20% 0.42g dss6nb32a470q56b 0.42g dss6nb32a470q54b 0.42g dss6nb32a470t51b 0.46g dss6nb32a470t41b 0.46g dss6nb32a470q91a 0.42g dss6nb32a470q92a 0.42g dss6nb32a470q93a 0.42g dss6nb32a470u21a 0.42g dss6nb32a470u31a 0.42g dss6nb32a101q55b 100pf 20% 0.42g dss6nb32a101q56b 0.42g dss6nb32a101q54b 0.42g dss6nb32a101t51b 0.46g dss6nb32a101t41b 0.46g dss6nb32a101q91a 0.42g dss6nb32a101q92a 0.42g dss6nb32a101q93a 0.42g dss6nb32a101u21a 0.42g dss6nb32a101u31a 0.42g dss6nb32a151q55b 150pf 20% 0.42g dss6nb32a151q56b 0.42g dss6nb32a151q54b 0.42g dss6nb32a151t51b 0.46g dss6nb32a151t41b 0.46g dss6nb32a151q91a 0.42g dss6nb32a151q92a 0.42g dss6nb32a151q93a 0.42g dss6nb32a151u21a 0.42g dss6nb32a151u31a 0.42g dss6nb32a221q55b 220pf 20% 0.42g dss6nb32a221q56b 0.42g dss6nb32a221q54b 0.42g dss6nb32a221t51b 0.46g dss6nb32a221t41b 0.46g dss6nb32a221q91a 0.42g dss6nb32a221q92a 0.42g dss6nb32a221q93a 0.42g dss6nb32a221u21a 0.42g dss6nb32a221u31a 0.42g
spec no. jenf243f-0018k-01 p3/11 murata mfg.co., ltd reference only customer part number murata part number temperature characteristics capacitance rated voltage withstanding voltage unit mass (typical value) dss6nb32a271q55b 10% 270pf 20% 100v(dc) 250 v(dc) 0.42g dss6nb32a271q56b 0.42g dss6nb32a271q54b 0.42g dss6nb32a271t51b 0.46g dss6nb32a271t41b 0.46g dss6nb32a271q91a 0.42g dss6nb32a271q92a 0.42g dss6nb32a271q93a 0.42g dss6nb32a271u21a 0.42g dss6nb32a271u31a 0.42g dss6nb32a471q55b 470pf 20% 0.43g dss6nb32a471q56b 0.43g dss6nb32a471q54b 0.43g dss6nb32a471t51b 0.47g dss6nb32a471t41b 0.47g dss6nb32a471q91a 0.43g dss6nb32a471q92a 0.43g dss6nb32a471q93a 0.43g dss6nb32a471u21a 0.43g dss6nb32a471u31a 0.43g dss6nb32a102q55b 1000pf 20% 0.42g dss6nb32a102q56b 0.42g dss6nb32a102q54b 0.42g dss6nb32a102t51b 0.46g dss6nb32a102t41b 0.46g dss6nb32a102q91a 0.42g dss6nb32a102q92a 0.42g dss6nb32a102q93a 0.42g dss6nb32a102u21a 0.42g dss6nb32a102u31a 0.42g dss6ne32a222q55b % 2200pf % 0.42g dss6ne32a222q56b 0.42g dss6ne32a222q54b 0.42g dss6ne32a222t51b 0.46g dss6ne32a222t41b 0.46g dss6ne32a222q91a 0.42g dss6ne32a222q92a 0.42g dss6ne32a222q93a 0.42g dss6ne32a222u21a 0.42g dss6ne32a222u31a 0.42g dss6nz82a103q55b % 10000pf 30 % 0.42g dss6nz82a103q56b 0.42g dss6nz82a103q54b 0.42g dss6nz82a103t51b 0.46g dss6nz82a103t41b 0.46g dss6nz82a103q91a 0.42g dss6nz82a103q92a 0.42g dss6nz82a103q93a 0.42g dss6nz82a103u21a 0.42g dss6nz82a103u31a 0.42g
spec no. jenf243f-0018k-01 p4/11 murata mfg.co., ltd reference only 4.testing conditions temperature : ordinary temperature 15 to 35c temperature : 20 2c humidity : ordinary humidity 25 to 85 %(rh) humidity : 60 to 70 %(rh) atmospheric pressure : 86 to 106 kpa 5.style and dimension see item 9. 6.marking capacitance marked real number. (22pf to 47pf) ex. 22pf ? 22 marked three digits system.(100pf) ex.1000pf ? 102 rated voltage marked voltage value.(100v) trade mark marked as 7.performance no. item specification test method 7.1 appearance and dimensions meet item 9. visual inspection and measured with slide calipers. 7.2 marking marking is able to be read easily. visual inspection. 7.3 capacitance and tolerance meet item 3. table 2 7.4 insulation resistance(i.r.) meet item 3. test voltage : rated voltage time : 1 minute through a suitable resistor 1m ?? 7.5 withstanding voltage products shall not be damaged. test voltage : 2.5 times for rated voltage time : 1 to 5 seconds charge current : 10 ma max. it shall be applied between input / output terminal and ground terminal. 7.6 temperature characteristics meet item 3. capacitance s hall be measured at each step specified in table 3 after reaching the thermal equilibrium. the capacitance change aga inst the capacitance at step 3 shall be calculated. ( ) is for dss6nz82a103. table3 7.7 solderability along the circumference of terminal shall be covered with new solder at least 75%. flux : ethanol solution of rosin,25(wt)% (dipped for 5 to 10 seconds) pre-heat : 150 10 , 60 90 s solder : sn-3.0ag-0.5cu solder temperature 245 5 immersion time : 2 0.5 seconds immersion depth : 2 to 2.5 mm from the bottom of the body. frequency test voltage capacitance 10.1mhz 3 v(rms) max. 22pf 100pf 10.1khz 3 v(rms) max. 150pf 10000pf step 1 2 3 4 5 te m p . (c) +202 -252 (-10) +202 +852 (60) +202
spec no. jenf243f-0018k-01 p5/11 murata mfg.co., ltd reference only no. item specification test method 7.8 resistance to soldering heat meet table 4. table 4 flux : ethanol solution of rosin,25(wt)% (dipped for 5 to 10 seconds) pre-heat : 150 10 , 60 90 s solder : sn-3.0ag-0.5cu solder temperature : 270 5 c immersion time : 3 0.5 seconds immersion depth : 1.6 0.7 mm from the bottom of the body. then measured after exposure in the room condition for 4 to 24hours. appearance no damaged. capacitance change b3 within 5% e3 within 15% z8 within 20% withstanding voltage no damaged. 7.9 humidity meet table 5. table 5 temperature : 40 2c humidity : 90 to 95 %(rh) time : 500 hours(+24-0 hours) then measured after exposure in the room condition for 4 to 24hours. appearance no damaged. capacitance change b3 within 10% e3, within 20% z8 within 30% insulation resistance b3,e3 z8 1000m ? min. 7.10 humidity life meet table6. table 6 temperature : 40 2c humidity : 90 to 95 %(rh) time : 500 hours(+24-0 hours) applying voltage : rated voltage charge current : 10 ma max. then measured after exposure in the room condition for 4 to 24hours. 7.11 heat life meet table 7. table 7 temperature : 85 3c time : 1000 hours(+48-0 hours) applying voltage : b3,e3 character : 2 times of dc rated voltage z8 character : 1.5times of dc rated voltage charge current : 10 ma max. then measured after exposure in the room condition for 4 to 24hours. appearance no damaged. capacitance change b3 within 10% e3 within 20% z8 within 30% insulation resistance b3,e3 z8 500m ? min. appearance no damaged. capacitance change b3 within 10% e3 within 20% z8 within 30% insulation resistance b3,e3 z8 1000m ? min.
spec no. jenf243f-0018k-01 p6/11 murata mfg.co., ltd reference only 8.mounting hole bulk taping 9.style and dimension (1) bulk(straight lead type) : q5 ? 1.bottom of dielectric may be exposed. ? 2.there should not be the exposure of the ferrite bead if a hole is on the top of ferrite bead. (in mm) (2) bulk (incrimp lead type) : t 1 ? 1.bottom of dielectric may be exposed. ? 2.there should not be the exposure of the ferrite bead if a hole is on the top of ferrite bead. (in mm) (3) taping(straight lead type) : q9 (all symbols in the illustrations below are described in table 8) (in mm) ? 1.bottom of dielectric may be exposed. ? 2.there should not be the exposure of the ferrite bead if a hole is on the top of ferrite bead. lead type l q55 25.0 min. q56 6.01.0 q54 4.00.5 2.50.2 0.8 - 3 2.50.2 2.50.2 1.0 - 3 2.50.2 in mm lead type l t51 25.0 min. t41 4.00.5 8.0 max. ? 1 ? 0.6 f1 5.00.5 f1 l f1 2.50.5 marking side marking side 2.54 max. ? 2 7.0 max. 1 2 3 (3) (1) 8.0 max. ? 1 ? 0.6 f1 5.00.5 f1 10.0 max. l f1 2.50.5 marking side marking side 2.54 max. 1.0 0.2 0 detail of forming ? 2 1 2 3 (3) (1) p 0 p 1 p 2 d ? s f p f 1 f 1 7.0 h w 0 l w 2 d 0 l t 2 w max. d ? h 1 ? h 2 2.54max. ? t 1 w 1 ? 1 2 1 2 3 (3) (1)
spec no. jenf243f-0018k-01 p7/11 murata mfg.co., ltd reference only (4) taping (incrimp lead type) : u 1 ? 1.bottom of dielectric may be exposed. ? 2.there should not be the exposure of the ferrite bead if a hole is on the top of ferrite bead. table 8 code description dimensions remark p pitch of component 12.7 product inclination ? s determines crossing p 0 pitch of sprocket hole 12.70.2 p 1 length from hole center to lead 3.750.7 p 2 length from hole center to component center 6.351.3 shift in tape in direction of feed d width of body 7.0 max. ? s deviation along tape, left or right 01.0 w carrier tape width 17.00.5 w 1 position of sprocket hole 9.0+0,-0.5 tape widthwise shift l protrusion length +0.5 ? ? -1.0 d 0 diameter of sprocket hole ? ? ? h 1 deviation across tape,front 1.0 max. ? h 2 deviation across tape,rear 1.0 max. l portion to cut in case of defect 11.0+0,-1.0 w 0 hold down tape width 12.00.5 w 2 hold down tape position 1.51.5 h lead length between sprocket hole and forming position q91 20.01.0 q92 u21 16.51.0 q93 u31 18.51.0 f lead spacing 5.0+0.7,-0.2 f 1 2.5+0.4,-0.2 (in mm) detail of forming 1.0 + 0.2 -0 d 0 p 0 p 1 w w 1 l f 1 w 2 w 0 h 10.0max. l f 1 ? s p d p 2 f t 2 t 1 ? 2 ? h 1 2.54max. d ? h 2 ? 1 1 2 3 (3) (1)
spec no. jenf243f-0018k-01 p8/11 murata mfg.co., ltd reference only 10.taping 10.1 supplement condition of taping (1) a maximum of 0.3% of the compo nents quantity per reel or ammo pack may be missing without consecutive missing components. (2) the adhesive power of the tape shall have over 2.94n at the following condition. (3) splicing method of tape 1. carrier tape carrier tape shall be spliced by cellophane tape. overall thickness shall be less than 1.05 mm. (in mm) 2. hold down tape hold down tape shall be spliced with overlapping. overall thickness shall be less than 1.05 mm. (in mm) 3. both carrier tape and hold down tape both tapes shall be cut zigzag and spliced with splicing tape. 11. packing 11.1 packing quantity the standard packing quantity is as follows. (the packing quantity may be changed due to a fraction of order.) minimum packing form and quantity terminal configuration a unit quantity bulk : in a plastic bag taping : in an ammo pack ? ? standard quantity in a container (corrugated cardboard box) bulk long lead type (q55/t51) 250 pcs. 5000 pcs. short lead type (q54/q56/t41) 500 pcs. 10000 pcs. taping (q91/ q92/ q93/u21/ u31) 2000 pcs. 20000 pcs. ?? a quantity in a container is depending on a quantity of an order. 11.2 packing form (1) bulk 1.products are packed into a plastic bag. 2.the plastic bags are put into a container (corrugated cardboard box) depending on a quantity of an order. hold down tape carrier tape f 2.94 n 30 to 50 hold down tape carrier tape cellophane tape direction of feed overall thickness direction of feed 20 to 30 hold down tape hold down tape carrier tape overall thickness ? a plastic bag container label a container the plastic bag with products
spec no. jenf243f-0018k-01 p9/11 murata mfg.co., ltd reference only (2) taping 1 .folding the tape per 25 pitches,products are packed into an ammo package so that each product of each layer wound zigzag is put on top of one another. [fig 1] 2. the dimensions of the ammo package are indicated in [fig 2]. 3. the ammo packages are put into a container (corrugated cardboard box) depending on a quantity of an order. 4. not less than 3 consecutive of compon ent shall be missing on both edge of tape. [fig 1] [fig 2] the unloading direction : right the hold down tape : upper (in mm) the product body : left along the unloading direction 12.marking on package 12.1 unit package bulk : marked on a plastic bag. taping : marked on a label stuck on an ammo package. marking on a unit package consists of : customer part number , murata part number, inspection number( ? 1), rohs marking ( ? 2), quantity, etc ? 1) ? expression of inspection no. ? oooo ??? (1) (2) (3) (1) factory code (2) date first digit : year / last digit of year second digit : month / jan. to sep. ? 1 to 9, oct. to dec. ? o,n,d third, fourth digit : day (3) serial no. ? 2) ? expression of rohs marking ? rohs ? y ( ) (1) (2) (1) rohs regulation conformity parts. (2) murata classification number 12.2 container marking on the label stuck on a container consists of : customer name purchasing order number, customer part number, murata part number, rohs marking ( ? 2), quantity, etc 13. ! caution 13.1 mounting holes mounting holes should be designed as s pecified in this specifications. or different design from this specifications may cause cracks in ceramics which may lead to smoking / firing. 13.2 caution for the product angle adjust work take care not to apply any mechanical stress to product body at the lead terminal bending process for product angle adjustment after insertion. 13.3 limitation of applications please contact us before using our pr oducts for the applications listed below which require especially high reliability for the prevention of defects which might dire ctly cause damage to the third party's life, body or property. (1) aircraft equipment (7) traffic signal equipment (2) aerospace equipment (7) disaster prevention / crime prevention equipment (3) undersea equipment (9) data-processing equipment (4) power plant control equipment (10) applications of similar complexity and /or reliability requirements (5) medical equipment to the applications listed in the above (6) transportation equipment (vehicles, trains, ships, etc.) zig zag label 340 max. 240 max. 51 max.
spec no. jenf243f-0018k-01 p10/11 murata mfg.co., ltd reference only 14. notice 14.1 soldering (1) use rosin-based flux. do not use strong acidic flux with halide content exceeding 0.2(wt)% (chlorine conversion value). use sn-3.0ag-0.5cu solder (2) standard flow soldering profile. solde r temperature soldering time 250 260 c 4 6s (3) resistance to soldering iron goes in the following condition that tip temperat ure is 350 c max. and soldering time is 5 s max. (4) products and the leads should not be subjected to any mechanical stress during soldering process. (and also while subjected to t he equivalent high temperature.) 14.2 cleaning products shall be cleaned on following conditions. (1) cleaning temperature: 60 max.(40 max. for isopropyl alcohol). (2) ultrasonic cleaning shall comply with the following conditions, avoiding the resonance phenomenon at the mounted products and p.c.b. power 20w / l max. frequency 28khz ?? 40khz time 5 minutes max. (3) cleaning agent 1. alcohol cleaning agents. ? isopropyl alcohol (ipa) 2. aqueous cleaning agent ? pine alpha st-100s (4) ensure that residual flux and residual cleaning agent is completely removed. products should be thoroughly dried after aqueous agent has been removed with de-ionized water. (5) for other cleaning methods, please contact murata engineering. 14.3 operating environment (1) do not use products in corrosive gases such as chlorine gas, acid or sulfide gas. (2) do not use products in the environment where wa ter, oil or organic solvents may adhere to products. (3) do not adhere any resin to products, coat nor mold products with any resin (including adhesive)to prevent mechanical and chemical stress on products. 14.4.storage and handling requirements. (1) storage period use the products within 12 months after delivered. solderability should be checked if this period is exceeded. (2) storage environment condition to prevent products quality deterioration, st ored conditions should be controlled as follows ; 1. temperature : -10 to 40 degrees centigrade 2. humidity : 15 to 85% relative humidity 3. products should be stored without sudd en changes in temperature and humidity. don't keep products in corrosive gases such as sulfur,chlorine gas or acid, or it may cause oxidization of lead terminals resulting in poor solderability. 4. products should be stored on the pale tte for the prevention of the influence from humidity, dust and so on. 5. products should be stored in the warehouse without heat shock, vibration,direct sunlight and so on. (3) handling conditions care should be taken when transporting or handling product to avoid excessive vibration or mechanical shock. 1 minutes min. soldering time solder temp. 250 200 150 100 50 temperature (c) pre- heating(in air) soldering gradual cooling (in air) 300
spec no. jenf243f-0018k-01 p11/11 murata mfg.co., ltd reference only 15. ! note (1)please make sure that your product has been evaluated in view of your specificati ons with our product being mounted to your product. (2)you are requested not to use our product deviating from the refe rence specifications. (3)the contents of this reference s pecification are subject to change wi thout advance notice. please approve our product specifications or trans act the approval sheet for product specifications before ordering.


▲Up To Search▲   

 
Price & Availability of DSS6NB32A330U21A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X